a b c d e f g h i j dim. min. 1.300 .585 .375 --- --- --- --- .022 .012 --- max. 1.290 .575 --- 1.100 --- .100 .635 .020 .010 .020 nom. (inches) (millimeters) 32.51 14.35 --- --- 3.18 --- --- .457 .203 --- min. 33.02 14.86 9.53 --- --- --- --- .556 .305 --- max. 32.77 14.61 --- 27.94 --- 2.54 16.13 .508 .254 .508 nom. 1.280 .565 --- --- .125 --- --- .018 .008 --- electrical specifications ethernet dc/dc converter csc1018h rev. orig. 3/20/01 ? designed for low common mode noise ? ? unregulated output ? ? 75% efficiency at full load ? ? input filter to reduce input ripple current ? ? input/output isolation : 2000 vrms ? ? operating temperature : 0c to 70c ? ? storage temperature : -20c to -125c ? e l e c t r o n i c s i n c . tel: (818) 892-0761 fax: (818) 894-5791 http://www.pca.com pca electronics, inc. 16799 schoenborn st. north hills, ca 91343 product performance is limited to specified parameters. data is subject to change without prior notice. min. --- --- --- --- --- typ. 5.0 9 5% --- --- --- parameters --- --- 200 100 --- max. volts volts ma mv p-p --- units input voltage output voltage output current output ripple & noise @ 20 mhz bw --- EPC1018H dimensions package e pin connections pca EPC1018H date code 12v 9v a c b d e h i g f j white dot pin 1 12 11 10 24 23 v in+ v o+ v in- v o- 12 9 13 to 16 n/c
|